Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9250BCPZ-170 Datasheet (PDF) - Analog Devices

AD9250BCPZ-170 Datasheet PDF - Analog Devices
Part # AD9250BCPZ-170
Download  AD9250BCPZ-170 Download
File Size   1181.43 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter

AD9250BCPZ-170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9250BCPZ-170 Datasheet PDF - Analog Devices

Part # AD9250BCPZ-170
Download  AD9250BCPZ-170 Click to download

File Size   1181.43 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter

AD9250BCPZ-170 Datasheet (HTML) - Analog Devices


AD9250BCPZ-170 Product details

GENERAL DESCRIPTION
The AD9250 is a dual, 14-bit ADC with sampling speeds of up to 250 MSPS. The AD9250 is designed to support communications applications where low cost, small size, wide bandwidth, and versatility are desired.

FEATURES
   JESD204B Subclass 0 or Subclass 1 coded serial digital outputs
   Signal-to-noise ratio (SNR) = 70.6 dBFS at 185 MHz AIN and
      250 MSPS
   Spurious-free dynamic range (SFDR) = 88 dBc at 185 MHz
      AIN and 250 MSPS
   Total power consumption: 711 mW at 250 MSPS
   1.8 V supply voltages
   Integer 1-to-8 input clock divider
   Sample rates of up to 250 MSPS
   IF sampling frequencies of up to 400 MHz
   Internal analog-to-digital converter (ADC) voltage reference
   Flexible analog input range
      1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
   ADC clock duty cycle stabilizer (DCS)
   95 dB channel isolation/crosstalk
   Serial port control
   Energy saving power-down modes
  
APPLICATIONS
   Diversity radio systems
   Multimode digital receivers (3G)
      TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE
   DOCSIS 3.0 CMTS upstream receive paths
   HFC digital reverse path receivers
   I/Q demodulation systems
   Smart antenna systems
   Electronic test and measurement equipment
   Radar receivers
   COMSEC radio architectures
   IED detection/jamming systems
   General-purpose software radios
   Broadband data applications




Similar Part No. - AD9250BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250BCPZ-170 AD-AD9250BCPZ-170 Datasheet
1Mb / 45P
Dual Analog-to-Digital Converter
Rev. E
More results


Similar Description - AD9250BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9683 AD-AD9683 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. E
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
AD9697 AD-AD9697 Datasheet
1Mb / 130P
14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com