Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4535MC Datasheet (PDF) - Sanyo Semicon Device

LA4535MC Datasheet PDF - Sanyo Semicon Device
Part # LA4535MC
Download  LA4535MC Download
File Size   160.74 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For 1.5V Headphone Stereo Power Amplifier

LA4535MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4535MC Datasheet PDF - Sanyo Semicon Device

Part # LA4535MC
Download  LA4535MC Click to download

File Size   160.74 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For 1.5V Headphone Stereo Power Amplifier

LA4535MC Datasheet (HTML) - Sanyo Semicon Device


LA4535MC Product details

Features
• Low current drain.
• 16Ω load drive capability.
• Excellent reduced voltage characteristics.
• Excellent power supply ripple rejection.
• Minimum number of external parts required (no input capacitor, feedback capacitor required).
• Less harmonic interference in radio band.
• On-chip power switch function, muting function.




Similar Part No. - LA4535MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4535MC ONSEMI-LA4535MC Datasheet
154Kb / 7P
Power Amplifier
May, 2013
More results


Similar Description - LA4535MC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com