Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138LT1 Datasheet (PDF) - WILLAS ELECTRONIC CORP

BSS138LT1 Datasheet PDF - WILLAS ELECTRONIC CORP
Part # BSS138LT1
Download  BSS138LT1 Download
File Size   306.44 Kbytes
Page   4 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description N-CHANNEL POWER MOSFET

BSS138LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138LT1 Datasheet PDF - WILLAS ELECTRONIC CORP

Part # BSS138LT1
Download  BSS138LT1 Click to download

File Size   306.44 Kbytes
Page   4 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description N-CHANNEL POWER MOSFET

BSS138LT1 Datasheet (HTML) - WILLAS ELECTRONIC CORP


BSS138LT1 Product details

Power MOSFET 200 mAmps, 50 Volts

N–Channel SOT–23



Typical applications are dc–dc converters, power management in portable and battery–powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones.



• Low Threshold Voltage (V GS(th): 0.5V...1.5V) makes it ideal for low voltage applications

• Miniature SOT–23 Surface Mount Package saves board space



 




Similar Part No. - BSS138LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
64Kb / 5P
Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
133Kb / 5P
Power MOSFET 200 mA, 50 V
February, 2009 ??Rev. 5
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
105Kb / 5P
Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
Power MOSFET 200 mAmps, 50 Volts
More results


Similar Description - BSS138LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com