Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6324N Datasheet (PDF) - Sanyo Semicon Device

LA6324N Datasheet PDF - Sanyo Semicon Device
Part # LA6324N
Download  LA6324N Download
File Size   110.24 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Quad Operational Amplifier

LA6324N Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6324N Datasheet PDF - Sanyo Semicon Device

Part # LA6324N
Download  LA6324N Click to download

File Size   110.24 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Quad Operational Amplifier

LA6324N Datasheet (HTML) - Sanyo Semicon Device


LA6324N Product details

Overview
The LA6324 consists of four independent, high-performance, internally phase compensated operational amplifiers that are designed to operate from a single power supply over a wide range of voltages. These four operational amplifiers are packaged in a single package. As in case of conventional general-purpose operational amplifiers, operation from dual power supplies is also possible and the power dissipation is low. It can be applied to various uses in commercial and industrial equipment including all types of transducer amplifiers and DC amplifiers.

Features
• No phase compensation required
• Wide operating voltage range:
   3.0 V to 30.0 V (single supply)
   ±1.5 V to ±15.0 V (dual supplies)
• Highly resistant to dielectric breakdown
• Input voltag range includes the neighborhood of GND level and output voltage range VOUT is from 0 to VCC –1.5 V.
• Small current dissipation:
   ICC = 0.6 mA typ/VCC = + 5 V, RL = ∞




Similar Part No. - LA6324N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
High-Performance Quad Operational Amplifier
August, 2013
logo
Sanyo Semicon Device
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NM SANYO-LA6324NM Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
More results


Similar Description - LA6324N

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
Quad high-performance operational amplifier
August 31, 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
High performance CMOS quad operational amplifier
01-Feb-2008
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
High-Performance Quad Operational Amplifier
August, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com