Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1101V Datasheet (PDF) - Transcom, Inc.

TC1101V Datasheet PDF - Transcom, Inc.
Part # TC1101V
Download  TC1101V Download
File Size   90.14 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise and Medium Power GaAs FETs

TC1101V Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1101V Datasheet PDF - Transcom, Inc.

Part # TC1101V
Download  TC1101V Click to download

File Size   90.14 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise and Medium Power GaAs FETs

TC1101V Datasheet (HTML) - Transcom, Inc.


TC1101V Product details

DESCRIPTION

The TC1101V is the same as TC1101 expect via holes in the source pads for reducing the grounding inductance. It can be used in circuits up to 30 GHz and suitable for low noise and medium power amplifier application including a wide range of commercial and military application. All devices are 100% DC tested to assure consistent quality. All bond pads are gold plated for either thermo-compression or thermo-sonic wire bonding.



FEATURES

Via holes for source grounding

Low Noise Figure: NF = 0.5 dB Typical at 12 GHz

High Associated Gain: Ga = 13 dB Typical at 12 GHz

High Dynamic Range: 1 dB Compression Power P-1 = 18.5 dBm at 12 GHz

Breakdown Voltage: BVDGO ≥ 9 V

Lg = 0.25 µm, Wg = 160 µm

All-Gold Metallization for High Reliability

Tight Vp ranges control

High RF input power handling capability

100 % DC Tested




Similar Part No. - TC1101V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
Low Noise and Medium Power GaAs FETs
More results


Similar Description - TC1101V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
Low Noise and Medium Power Packaged GaAs FETs
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
Low Noise and Medium Power GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
Low Noise and Medium Power GaAs FETs
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
Low Noise and Medium Power GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com