Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH124-271 Datasheet (PDF) - AIT Components Ltd.

CDRH124-271 Datasheet PDF - AIT Components Ltd.
Part # CDRH124-271
Download  CDRH124-271 Download
File Size   34.13 Kbytes
Page   1 Pages
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.
Description CDRH124 SMD POWER INDUCTOR

CDRH124-271 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDRH124-271 Datasheet PDF - AIT Components Ltd.

Part # CDRH124-271
Download  CDRH124-271 Click to download

File Size   34.13 Kbytes
Page   1 Pages
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.
Description CDRH124 SMD POWER INDUCTOR

CDRH124-271 Datasheet (HTML) - AIT Components Ltd.


CDRH124-271 Product details

SPECIFICATION
    TYPE = CDRH124
    CONSTRUCTION = SURFACE MOUNT POWER INDUCTOR
    TERIMAL COATING = NICKEL / SILVER
    OPERATING TEMP. = -40 TO +85°C
    STORAGE TEMP = -55 TO +125°C
    INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
    DIELECTRIC STREGTH = 250Vac TERMINAL-CORE
    HUMIDITY EFFECTS = L ±5 @ 95%RH, 40°C, 1HR
                                           Q ±5 @ 95%RH, 40°C, 1HR
    PACKAGING = 500PCS/REEL
    MARKING = 3 CHARACTERS, VALUE




Similar Part No. - CDRH124-271

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
139Kb / 2P
POWER INDUCTORS
CDRH124B SUMIDA-CDRH124B Datasheet
188Kb / 1P
POWER INDUCTORS
CDRH124BNP-6R8MC SUMIDA-CDRH124BNP-6R8MC Datasheet
159Kb / 2P
POWER INDUCTORS
CDRH124B SUMIDA-CDRH124B_1 Datasheet
159Kb / 2P
POWER INDUCTORS
More results


Similar Description - CDRH124-271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com