Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4960 Datasheet (PDF) - Allegro MicroSystems

A4960 Datasheet PDF - Allegro MicroSystems
Part # A4960
Download  A4960 Download
File Size   599.87 Kbytes
Page   34 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.

A4960 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4960 Datasheet PDF - Allegro MicroSystems

Part # A4960
Download  A4960 Click to download

File Size   599.87 Kbytes
Page   34 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.

A4960 Datasheet (HTML) - Allegro MicroSystems


A4960 Product details

Description

The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.



Features and Benefits

• 3-phase BLDC sensorless start-up and commutation

• Gate drive for N-channel MOSFETs

• Integrated PWM current limit

• 7 to 50 V supply voltage operating range

• Compatible with 3.3 V and 5 V logic

• Cross-conduction protection with adjustable dead time

• Charge pump for low supply voltage operation

• Extensive diagnostics output

• Low current sleep mode




Similar Part No. - A4960

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
Automotive, Sensorless BLDC Controller
More results


Similar Description - A4960

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4933 ALLEGRO-A4933 Datasheet
455Kb / 25P
The A4933 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
A4935 ALLEGRO-A4935_12 Datasheet
452Kb / 25P
The A4935 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
A4957 ALLEGRO-A4957 Datasheet
315Kb / 16P
The A4957 is a full-bridge controller for use with external N-channel power MOSFETs and is specifically designed for applications with high-power inductive loads such as brush DC motors.
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
logo
International Rectifier
IR3230SPBF IRF-IR3230SPBF Datasheet
445Kb / 22P
The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
Specifically designed for Automotive applications
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
Specifically designed for Automotive applications
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
Brushless / sensorless 3-phase motor pre-driver for automotive applications
12-Jul-2016
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com