Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6323RM47Q7 Datasheet (PDF) - ANADIGICS, Inc

AWC6323RM47Q7 Datasheet PDF - ANADIGICS, Inc
Part # AWC6323RM47Q7
Download  AWC6323RM47Q7 Download
File Size   608.19 Kbytes
Page   11 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module

AWC6323RM47Q7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWC6323RM47Q7 Datasheet PDF - ANADIGICS, Inc

Part # AWC6323RM47Q7
Download  AWC6323RM47Q7 Click to download

File Size   608.19 Kbytes
Page   11 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module

AWC6323RM47Q7 Datasheet (HTML) - ANADIGICS, Inc


AWC6323RM47Q7 Product details

PRODUCT DESCRIPTION
AWC6323 addresses the demand for increased integration in dual-band handsets for CDMA networks. The small footprint 3 mm x 5 mm x 1 mm surface mount RoHS compliant package contains independent RF PA paths to ensure optimal performance in both frequency bands, while achieving a 25% PCB space savings compared with solutions requiring two single-band PAs. The package pinout was chosen to enable handset manufacturers to easily route bias to both power amplifiers and simplify control with common mode pins. The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness.

FEATURES
• InGaP HBT Technology
• High Efficiency (Cell Band):
    • 37.5 % @ POUT = +27.6 dBm
    • 23 % @ POUT = +16 dBm
    • 11.5 % @ POUT = +10 dBm
• Low Quiescent Current: 3.5 mA
• Internal Voltage Regulation
• Built-in Directional Coupler
• Common VMODE Control Line
• Simplified VCC Bus PCB routing
• Reduced External Component Count
• Low Profile Surface Mount Package: 1 mm
• RoHS Compliant Package, 260 oC MSL-3

APPLICATIONS
• Cell & PCS Dual-band Wireless Handsets and Data Devices for CDMA/EVDO networks.




Similar Part No. - AWC6323RM47Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
AWC6325Q7 ANADIGICS-AWC6325Q7 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
More results


Similar Description - AWC6323RM47Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.1
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.2
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
10/2008
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.3
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
Rev 1.0
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com