Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31-71008 Datasheet (PDF) - Amphenol Corporation

31-71008 Datasheet PDF - Amphenol Corporation
Part # 31-71008
Download  31-71008 Download
File Size   44.16 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 75 ohm Plugs

31-71008 Datasheet (PDF)

Go To PDF Page Download Datasheet
31-71008 Datasheet PDF - Amphenol Corporation

Part # 31-71008
Download  31-71008 Click to download

File Size   44.16 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description BNC 75 ohm Plugs

31-71008 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 31-71008

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-71008 AMPHENOL-31-71008 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-71008-1000 AMPHENOL-31-71008-1000 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-71008-1RFX AMPHENOL-31-71008-1RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-71008-2000 AMPHENOL-31-71008-2000 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-71008-RFX AMPHENOL-31-71008-RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results


Similar Description - 31-71008

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
Winchester Electronics ...
SD2025-44-9 WINCHESTER-SD2025-44-9 Datasheet
76Kb / 1P
75 OHM BNC PLUG
logo
Amphenol Corporation
031-30220-1 AMPHENOL-031-30220-1 Datasheet
244Kb / 1P
BNC 50 ohm Bulkhead Plugs
logo
Winchester Electronics ...
2065-18-7 WINCHESTER-2065-18-7 Datasheet
56Kb / 1P
PLUG, 75 OHM BNC
2065-19-7 WINCHESTER-2065-19-7 Datasheet
55Kb / 1P
75 OHM BNC PLUG
2065-32-7 WINCHESTER-2065-32-7 Datasheet
81Kb / 1P
75 OHM BNC PLUG
2065-33-7 WINCHESTER-2065-33-7 Datasheet
86Kb / 1P
75 OHM BNC PLUG
logo
Adam Technologies, Inc.
RF1-01V-P-00-75-M ADAM-TECH-RF1-01V-P-00-75-M Datasheet
86Kb / 1P
BNC VERTICAL 75 OHM
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com