Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3050-04HTG Datasheet (PDF) - Littelfuse

SP3050-04HTG Datasheet PDF - Littelfuse
Part # SP3050-04HTG
Download  SP3050-04HTG Download
File Size   159.6 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)

SP3050-04HTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3050-04HTG Datasheet PDF - Littelfuse

Part # SP3050-04HTG
Download  SP3050-04HTG Click to download

File Size   159.6 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)

SP3050-04HTG Datasheet (HTML) - Littelfuse


SP3050-04HTG Product details

Application Guide
10/100 Ethernet

Considerations:
● 10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
   → For 10 Base-T, data is transmitted over 2 UTP (unshielded twisted pairs) using a 10MHz clock
   → For 100Base-TX, data is transmitted over 2 UTP using a 125MHz clock
● For these data rates the parasitic capacitance needs to be taken into account to preserve signal integrity
● The 4 data lines below (Tx+/- and Rx+/-) are being protected against intra-building (i.e. 100A, tP=8/20us) lightning transients by a two stage protection scheme




Similar Part No. - SP3050-04HTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
548Kb / 1P
LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
More results


Similar Description - SP3050-04HTG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
Data transfer up to 10 Mbps
logo
Littelfuse
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
Analog Devices
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com