| Electronic Components Datasheet Search |
|
AOK10B60D Datasheet (PDF) - Alpha & Omega Semiconductors |
AOK10B60D Datasheet (PDF) |
|
Download Datasheet |
| Part # | AOK10B60D |
| Download | AOK10B60D Click to download |
| File Size | 651.89 Kbytes |
| Page | 9 Pages |
| Manufacturer | AOSMD [Alpha & Omega Semiconductors] |
| Direct Link | http://www.aosmd.com |
| Logo | |
| Description | 600V, 10A Alpha IGBT with Diode |
AOK10B60D Datasheet (HTML) - Alpha & Omega Semiconductors |
AOK10B60D Product details |
|
Similar Part No. - AOK10B60D |
|
Similar Description - AOK10B60D |
|
About Alpha & Omega Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |