| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PCA9535A
|
2Mb / 38P |
Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012 |
|
PCA9539A
|
2Mb / 39P |
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012 |
|
PCA9554B
|
2Mb / 36P |
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
Rev. 1-19 September 2012 |
|
PCA9555A
|
2Mb / 39P |
Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012 |
|
PCAL9535A
|
2Mb / 46P |
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012 |
|
PCAL9538A
|
2Mb / 43P |
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012 |
|
PCAL9554B
|
2Mb / 42P |
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012 |
 Nuvoton Technology Corp... |
NCT5655Y
|
836Kb / 26P |
16-bit I2C-bus and SMBus GPIO controller with interrupt
|
 Texas Instruments |
TCAL6416
|
1Mb / 42P |
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022 |
|
TCAL6416
|
1Mb / 43P |
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022 |