Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD50T4 Datasheet (PDF) - Motorola, Inc

MJD50T4 Datasheet PDF - Motorola, Inc
Part # MJD50T4
Download  MJD50T4 Download
File Size   184.27 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS

MJD50T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD50T4 Datasheet PDF - Motorola, Inc

Part # MJD50T4
Download  MJD50T4 Click to download

File Size   184.27 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS

MJD50T4 Datasheet (HTML) - Motorola, Inc


MJD50T4 Product details

High Voltage Power Transistors

DPAK For Surface Mount Applications



Designed for line operated audio output amplifier, switchmode power supply drivers and other switching applications.



• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)

• Straight Lead Version in Plastic Sleeves (“–1” Suffix)

• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)

• Electrically Similar to Popular TIP47, and TIP50

• 250 and 400 V (Min) — VCEO(sus)

• 1 A Rated Collector Current



 




Similar Part No. - MJD50T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD50T4G ONSEMI-MJD50T4G Datasheet
115Kb / 5P
High Voltage Power Transistors
January, 2011 ??Rev. 10
MJD50T4G ONSEMI-MJD50T4G Datasheet
81Kb / 6P
High Voltage Power Transistors
August, 2014 ??Rev. 15
MJD50T4G ONSEMI-MJD50T4G Datasheet
66Kb / 4P
High Voltage Power Transistors
January, 2015 ??Rev. 12
More results


Similar Description - MJD50T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJF47 MOTOROLA-MJF47 Datasheet
160Kb / 6P
NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com