Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3556 Datasheet (PDF) - ebm-papst

3556 Datasheet PDF - ebm-papst
Part # 3556
Download  3556 Download
File Size   290.53 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC axial compact fan

3556 Datasheet (PDF)

Go To PDF Page Download Datasheet
3556 Datasheet PDF - ebm-papst

Part # 3556
Download  3556 Click to download

File Size   290.53 Kbytes
Page   4 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC axial compact fan

3556 Datasheet (HTML) - ebm-papst


3556 Product details

General description

AC voltage fan with external rotor shaded-pole motor.

Protected from overload by impedance protection.

Fan housing and fan impeller made of metal.

Air exhaust over bars. Rotational direction clockwise looking at rotor.

Electrical connection to 2 single strands. Strand ends bared and tin-plated.

Fan housing with grounding lug and tapping screw M4 x 8 (TORX).

Mass 420 g.

Please note our new ACmaxx series. With identical fastening dimensions and voltages, this series achieves higher energy efficiency.




Similar Part No. - 3556

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3556 VISHAY-3556 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Lumberg
3556 LUMBERG-3556 Datasheet
92Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
ebm-papst
3556 EBMPAPST-3556 Datasheet
423Kb / 1P
TUBEAXIAL
logo
Lumberg
3556 LUMBERG-3556 Datasheet
436Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Adafruit Industries
3556 ADAFRUIT-3556 Datasheet
405Kb / 2P
DIY HDMI Cable Parts - Straight Micro HDMI Plug Adapter
More results


Similar Description - 3556

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
AC axial compact fan
4586Z EBMPAPST-4586Z Datasheet
285Kb / 4P
AC axial compact fan
4600TA EBMPAPST-4600TA Datasheet
209Kb / 3P
AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
AC axial compact fan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com