Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO5803E Datasheet (PDF) - Alpha & Omega Semiconductors

AO5803E Datasheet PDF - Alpha & Omega Semiconductors
Part # AO5803E
Download  AO5803E Download
File Size   117.19 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AO5803E Datasheet (PDF)

Go To PDF Page Download Datasheet
AO5803E Datasheet PDF - Alpha & Omega Semiconductors

Part # AO5803E
Download  AO5803E Click to download

File Size   117.19 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual P-Channel Enhancement Mode Field Effect Transistor

AO5803E Datasheet (HTML) - Alpha & Omega Semiconductors


AO5803E Product details

General Description
The AO5803E/L uses advanced trench technology to provide excellent RDS(ON), low gate charge, and operation with gate voltages as low as 1.8V, in the small SC89-6L footprint. It can be used as load switching, and wide variety of FET applications. AO5803E and AO5803EL are electrically identical.

-RoHS compliant
-AO5803EL is Halogen Free

Features
   VDS (V) = -20V
   ID = -0.6A (VGS = -4.5V)
   RDS(ON) < 0.8Ω (VGS = -4.5V)
   RDS(ON) < 1.0Ω (VGS = -2.5V)
   RDS(ON) < 1.25Ω (VGS = -1.8V)

   ESD PROTECTED




Similar Part No. - AO5803E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO5800 AOSMD-AO5800 Datasheet
137Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO5800E AOSMD-AO5800E Datasheet
129Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO5804E AOSMD-AO5804E Datasheet
206Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO5803E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com