Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO9926C Datasheet (PDF) - Alpha & Omega Semiconductors

AO9926C Datasheet PDF - Alpha & Omega Semiconductors
Part # AO9926C
Download  AO9926C Download
File Size   1151.15 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V Dual N-Channel MOSFET

AO9926C Datasheet (PDF)

Go To PDF Page Download Datasheet
AO9926C Datasheet PDF - Alpha & Omega Semiconductors

Part # AO9926C
Download  AO9926C Click to download

File Size   1151.15 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 20V Dual N-Channel MOSFET

AO9926C Datasheet (HTML) - Alpha & Omega Semiconductors


AO9926C Product details

General Description
The AO9926C uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V while retaining a 12V VGS(MAX) rating. This device is suitable for use as a unidirectional or bi-directional load switch.

Product Summary
  VDS                  20V
  ID (at VGS=10V) 7.6A
  RDS(ON) (at VGS=10V) < 23mΩ
  RDS(ON) (at VGS =4.5V) < 26mΩ
  RDS(ON) (at VGS=2.5V) < 34mΩ
  RDS(ON) (at VGS=1.8V) < 52mΩ
 
  100% Rg Tested




Similar Part No. - AO9926C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO9926C VBSEMI-AO9926C Datasheet
981Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results


Similar Description - AO9926C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
20V Dual N-Channel MOSFET
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
20V Dual N-Channel MOSFET
SSF2316E GOOD-ARK-SSF2316E_15 Datasheet
321Kb / 4P
20V Dual N-Channel MOSFET
SSF9926 GOOD-ARK-SSF9926 Datasheet
442Kb / 4P
20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
20V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com