Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX1H Datasheet (PDF) - EUROQUARTZ limited

CX1H Datasheet PDF - EUROQUARTZ limited
Part # CX1H
Download  CX1H Download
File Size   290.59 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Frequency Range 10kHz to 600kHz

CX1H Datasheet (PDF)

Go To PDF Page Download Datasheet
CX1H Datasheet PDF - EUROQUARTZ limited

Part # CX1H
Download  CX1H Click to download

File Size   290.59 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Frequency Range 10kHz to 600kHz

CX1H Datasheet (HTML) - EUROQUARTZ limited


CX1H Product details

DESCRIPTION
CX1H crystals consist of a high quality tuning fork resonator in a rugged, hermetically sealed ceramic package. CX1H is intended for use in Series (two cascaded inverters) oscillator circuits.

FEATURES
● Frequency Range 10kHz to 600kHz
● High shock resistance
● Low ageing
● Designed for low power applications
● Full MIL testing available




Similar Part No. - CX1H

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX1H STATEK-CX1H Datasheet
165Kb / 2P
Miniature Quartz Crystal for Series Oscillators
logo
IQD Frequency Products ...
CX1H-TF IQD-CX1H-TF Datasheet
229Kb / 3P
Quartz Crystal Specification
logo
RSG Electronic Componen...
CX1HCSM1 RSG-CX1HCSM1 Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM2 RSG-CX1HCSM2 Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM3 RSG-CX1HCSM3 Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
More results


Similar Description - CX1H

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-67050 PULSE-PE-67050 Datasheet
53Kb / 1P
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
logo
EUROQUARTZ limited
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
Frequency Range 10kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
Frequency Range 10kHz to 600kHz
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
Frequency Range 10kHz to 600kHz
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
Frequency Range 16kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
Frequency Range 16kHz to 600kHz
CX3HSM EUROQUARTZ-CX3HSM Datasheet
298Kb / 2P
Frequency Range 18kHz to 600kHz
CX3VSM EUROQUARTZ-CX3VSM Datasheet
301Kb / 2P
Frequency Range 18kHz to 600kHz
CX6VSM EUROQUARTZ-CX6VSM Datasheet
295Kb / 2P
Frequency Range 18kHz to 600kHz
logo
Maxim Integrated Produc...
MAX15026BEVKIT MAXIM-MAX15026BEVKIT Datasheet
236Kb / 10P
600kHz Switching Frequency
Rev 0; 6/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com