Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD482 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD482 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD482
Download  AOD482 Download
File Size   305.54 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD482 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD482 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD482
Download  AOD482 Click to download

File Size   305.54 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD482 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD482 Product details

General Description
The AOD482/AOI482 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                       100V
    ID (at VGS=10V)                   32A
    RDS(ON) (at VGS=10V)    < 37mΩ
    RDS(ON) (at VGS = 4.5V) < 42mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOD482

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD482 VBSEMI-AOD482 Datasheet
983Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD482 ISC-AOD482 Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
AOD482 TECHPUBLIC-AOD482 Datasheet
3Mb / 5P
N-Channel MOSFET
More results


Similar Description - AOD482

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com