Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK20S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOK20S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK20S60
Download  AOK20S60 Download
File Size   256.84 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 20A a MOS Power Transistor

AOK20S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK20S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK20S60
Download  AOK20S60 Click to download

File Size   256.84 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 20A a MOS Power Transistor

AOK20S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOK20S60 Product details

General Description
The AOK20S60 has been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOK20S60L

Product Summary
   VDS @ Tj,max     700V
   IDM                        80A
   RDS(ON),max  0.199Ω
   Qg,typ                  20nC
   Eoss @ 400V      4.9µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK20S60 ISC-AOK20S60 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
600V 20A a MOS
logo
Inchange Semiconductor ...
AOK20S60L ISC-AOK20S60L Datasheet
422Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
600V 7A a MOS Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
600V 20A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
600V 7A a MOS Power Transistor
AOW20S60 AOSMD-AOW20S60 Datasheet
284Kb / 6P
600V 20A a MOS TM Power Transistor
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
600V 20A a MOS TM Power Transistor
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
600V 20A a MOS
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
600V 20A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com