Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMA5D35A-CU Datasheet (PDF) - ATMEL Corporation

ATSAMA5D35A-CU Datasheet PDF - ATMEL Corporation
Part # ATSAMA5D35A-CU
Download  ATSAMA5D35A-CU Download
File Size   534.48 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.

ATSAMA5D35A-CU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAMA5D35A-CU Datasheet PDF - ATMEL Corporation

Part # ATSAMA5D35A-CU
Download  ATSAMA5D35A-CU Click to download

File Size   534.48 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.

ATSAMA5D35A-CU Datasheet (HTML) - ATMEL Corporation


ATSAMA5D35A-CU Product details

Description
The Atmel | SMART SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM Cortex-A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode. The device features a floating point unit for high-precision computing and accelerated data processing, and a high data bandwidth architecture. It integrates advanced user interface and connectivity peripherals and security features.
The SAMA5D3 series features an internal multi-layer bus architecture associated with 39 DMA channels to sustain the high bandwidth required by the processor and the high-speed per iphera l s. The device offers support for DDR2/LPDDR/LPDDR2 and MLC NAND Flash memory with 24-bit ECC.

Features
● Core
   ̶ ARM Cortex-A5 Processor with ARMv7-A Thumb-2 Instruction Set
   ̶ CPU Frequency up to 536 MHz
   ̶ 32 Kbyte Data Cache, 32 Kbyte Instruction Cache,
      Virtual Memory System Architecture (VMSA)
   ̶ Fully Integrated MMU and Floating Point Unit (VFPv4)
● Memories
   ̶ One 160 Kbyte Internal ROM Single-cycle Access at System Speed,
      Embedded Boot Loader: Boot on 8-bit
      NAND Flash, SDCard, eMMC, serial DataFlash, selectable Order
   ̶ One 128 Kbyte Internal SRAM, Single-cycle Access at System Speed
   ̶ High Bandwidth 32-bit Multi-port Dynamic RAM Controller supporting 512 Mbyte 8 bank
      32-bit or 2x16-bit SDRAM devices
   ̶ Independent Static Memory Controller with datapath scrambling and
      SLC/MLC NAND Support with up to 24-bit
      Error Correction Code (PMECC)
● System running up to 166 MHz
   ̶ Reset Controller, Shutdown Controller, Periodic Interval Timer,
      Watchdog Timer and Real-time Clock
   ̶ Boot Mode Select Option, Remap Command
   ̶ Internal Low-power 32 kHz RC Oscillator and Fast 12 MHz RC Oscillator
   ̶ Selectable 32768 Hz Low-power Oscillator and 12 MHz Oscillator
   ̶ One 400 to 1000 MHz PLL for the System and one PLL at 480 MHz optimized
      for USB High Speed
   ̶ 39 DMA Channels including two 8-channel 64-bit Central DMA Controllers
   ̶ 64-bit Advanced Interrupt Controller
   ̶ Three Programmable External Clock Signals
   ̶ Programmable Fuse Box with 256 fuse bits
      (of which 192 are available for users)
● Low Power Management
   ̶ Shutdown Controller
   ̶ Battery Backup Registers
   ̶ Clock Generator and Power Management Controller
   ̶ Very Slow Clock Operating Mode, Software Programmable
      Power Optimization Capabilities
● Peripherals
   ̶ LCD TFT Controller with Overlay, Alpha-blending, Rotation,
      Scaling and Color Space Conversion
   ̶ ITU-R BT. 601/656 Image Sensor Interface
   ̶ Three HS/FS/LS USB Ports with On-Chip Transceivers
      ● One Device Controller
      ● One Host Controller with Integrated Root Hub (3 Downstream Ports)
   ̶ One 10/100/1000 Mbps Gigabit Ethernet Media Access Controller (GMAC)
      with IEEE1588 support
   ̶ One 10/100 Mbps Ethernet Media Access Controller (EMAC)
   ̶ Two CAN Controllers with 8 Mailboxes, fully compliant with
      CAN 2.0 Part A and 2.0 Part B
   ̶ Softmodem Interface
   ̶ Three High Speed Memory Card Hosts (eMMC 4.3 and SD 2.0)
   ̶ Two Master/Slave Serial Peripheral Interfaces
   ̶ Two Synchronous Serial Controllers
   ̶ Three Two-wire Interface up to 400 Kbit/s supporting I2C Protocol and SMBUS
   ̶ Four USARTs (ISO7816, IrDA, RS-485, SPI, Manchester and Modem Modes)
   ̶ Two UARTs
   ̶ One DBGU
   ̶ Two 3-channel 32-bit Timer/Counters
   ̶ One 4-channel 16-bit PWM Controller
   ̶ One 12-channel 12-bit Analog-to-Digital Converter with
      Resistive Touchscreen function (Continue ...)




Similar Part No. - ATSAMA5D35A-CU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMA5D35A-CNR MICROCHIP-ATSAMA5D35A-CNR Datasheet
12Mb / 1818P
Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
More results


Similar Description - ATSAMA5D35A-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE ATMEL-AT91SAM9XE_14 Datasheet
4Mb / 846P
Atmel | SMART ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46_14 Datasheet
5Mb / 1286P
Atmel | SMART ARM-based Embedded MPU
SAM9M10 ATMEL-SAM9M10_14 Datasheet
5Mb / 1385P
Atmel | SMART ARM-based Embedded MPU
SAM9M11 ATMEL-SAM9M11_14 Datasheet
6Mb / 1488P
Atmel | SMART ARM-based Embedded MPU
SAMA5D41 ATMEL-SAMA5D41_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D42 ATMEL-SAMA5D42_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D43 ATMEL-SAMA5D43_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D44 ATMEL-SAMA5D44_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
Microchip Technology
SAMA5D3 MICROCHIP-SAMA5D3 Datasheet
12Mb / 1818P
Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com