Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7506 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7506 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7506
Download  AON7506 Download
File Size   330.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7506 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7506 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7506
Download  AON7506 Click to download

File Size   330.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7506 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7506 Product details

General Description

• Latest Trench Power AlphaMOS (αMOS LV) technology

• Very Low RDS(ON) at 4.5V VGS

• Low Gate Charge

• High Current Capability

• RoHS and Halogen-Free Compliant



Product Summary

VDS                        30V

ID (at VGS=10V)            12A

RDS(ON) (at VGS=10V)       < 9.8mΩ

RDS(ON) (at VGS=4.5V)      < 15.8 mΩ

100% UIS Tested

100% Rg Tested



Application

• DC/DC Converters in Computing, Servers, and POL

• Isolated DC/DC Converters in Telecom and Industrial



 




Similar Part No. - AON7506

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7502 AOSMD-AON7502 Datasheet
279Kb / 6P
30V N-Channel AlphaMOS
AON7508 AOSMD-AON7508 Datasheet
238Kb / 6P
30V N-Channel AlphaMOS
More results


Similar Description - AON7506

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com