Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJL16218 Datasheet (PDF) - Motorola, Inc

MJL16218 Datasheet PDF - Motorola, Inc
Part # MJL16218
Download  MJL16218 Download
File Size   157.1 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS

MJL16218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJL16218 Datasheet PDF - Motorola, Inc

Part # MJL16218
Download  MJL16218 Click to download

File Size   157.1 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS

MJL16218 Datasheet (HTML) - Motorola, Inc


MJL16218 Product details

SCANSWITCH™ NPN Bipolar Power Deflection Transistor For High and Very High Resolution Monitors

The MJL16218 is a state–of–the–art SWITCHMODE bipolar power transistor. It is specifically designed for use in horizontal deflection circuits for 20 mm diameter neck, high and very high resolution, full page, monochrome monitors.

• 1500 Volt Collector–Emitter Breakdown Capability
• Typical Dynamic Desaturation Specified (New Turn–Off Characteristic)
• Application Specific State–of–the–Art Die Design
• Fast Switching: 175 ns Inductive Fall Time (Typ) 2000 ns Inductive Storage Time (Typ)
• Low Saturation Voltage: 0.2 Volts at 5.0 Amps Collector Current and 2.0 A Base Drive
• Low Collector–Emitter Leakage Current — 250 µA Max at 1500 Volts — VCES
• High Emitter–Base Breakdown Capability For High Voltage Off Drive Circuits — 8.0 Volts (Min)




Similar Part No. - MJL16218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL16218 ONSEMI-MJL16218 Datasheet
157Kb / 8P
POWER TRANSISTOR
More results


Similar Description - MJL16218

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
MJE16204 MOTOROLA-MJE16204 Datasheet
276Kb / 8P
POWER TRANSISTORS 6.0 AMPERES 550 VOLTS-. VCES 45 AND 80 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Advanced Power Technolo...
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com