Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8251 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8251 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8251
Download  AOZ8251 Download
File Size   256.26 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-line Bidirectional TVS Diode

AOZ8251 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8251 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8251
Download  AOZ8251 Click to download

File Size   256.26 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-line Bidirectional TVS Diode

AOZ8251 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8251 Product details

General Description
The AOZ8251 is a one-line bidirectional transient voltage suppressor diode designed to protect high speed data lines and voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one bidirectional TVS diode in an ultra-small 0201 footprint package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15 kV air, ±15 kV contact discharge).

Features
 • ESD protection for high-speed data lines:
    – Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air), ±25 kV (contact)
    – Human Body Model (HBM) ±25 kV
 • Small package saves board space
 • Low capacitance: 8.0 pF
 • Low clamping voltage
 • Low operating voltage: 5.0 V
 • Pb-free device

Applications
 • Portable handheld devices
 • Keypads, data lines, buttons
 • Notebook computers
 • Digital Cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8251

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8251ADI AOSMD-AOZ8251ADI Datasheet
452Kb / 8P
Single Channel Bidirectional TVS Diode
AOZ8251ADI-03 AOSMD-AOZ8251ADI-03 Datasheet
452Kb / 8P
Single Channel Bidirectional TVS Diode
AOZ8251ADI-05 AOSMD-AOZ8251ADI-05 Datasheet
452Kb / 8P
Single Channel Bidirectional TVS Diode
More results


Similar Description - AOZ8251

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
One-line TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8851 AOSMD-AOZ8851 Datasheet
240Kb / 6P
Ultra Low Capacitance One-line Bidirectional TVS Diode
logo
Union Semiconductor, In...
UM5060 UNIONSEMI-UM5060 Datasheet
270Kb / 6P
Bidirectional Single Line TVS Protection Diode
UM5060 UNIONSEMI-UM5060_16 Datasheet
194Kb / 6P
Bidirectional Single Line TVS Protection Diode
logo
Alpha & Omega Semicondu...
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
One-line TVS Diode
AOZ8831A AOSMD-AOZ8831A Datasheet
339Kb / 7P
Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8841 AOSMD-AOZ8841 Datasheet
343Kb / 7P
Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8851ADI AOSMD-AOZ8851ADI Datasheet
475Kb / 8P
Ultra Low Capacitance One-line Bidirectional TVS Diode
logo
Diodes Incorporated
D2V5L1BS2LP4 DIODES-D2V5L1BS2LP4 Datasheet
403Kb / 5P
ONE CHANNEL BIDIRECTIONAL TVS
April 2022 Rev. 1 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com