Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

950408-5002-AR Datasheet (PDF) - 3M Electronics

950408-5002-AR Datasheet PDF - 3M Electronics
Part # 950408-5002-AR
Download  950408-5002-AR Download
File Size   566.09 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Boardmount Socket

950408-5002-AR Datasheet (PDF)

Go To PDF Page Download Datasheet
950408-5002-AR Datasheet PDF - 3M Electronics

Part # 950408-5002-AR
Download  950408-5002-AR Click to download

File Size   566.09 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Boardmount Socket

950408-5002-AR Datasheet (HTML) - 3M Electronics


950408-5002-AR Product details

Features
■ Optimizes use of PC board space
■ High temperature dielectric
■ “No lead” wave and reflow solder compatible
■ Single- and dual row design, 3–40 pins or
■ 4–80 pins
■ Mates with pin-strip header products
■ See the Regulatory Information Appendix (RIA) in the “RoHS compliance” section of www.3M.com/interconnects for compliance information Date Modified: April 24, 2012 TS-2164-D Sheet 1 of 2 Physical Insulation Material: High Temperature Thermo­plastic Flammability: UL 94V-0 Color: Black Contact Material: Copper Alloy Plating Underplating: 1.25–2.5 µm [100 µ’’] Nickel Wiping Area: 0.25 µm [10 µ’’] Gold Solder Tail Area: 1–3 µm [40–118 µ’’] Matte Tin




Similar Part No. - 950408-5002-AR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95040-2881 MOLEX-95040-2881 Datasheet
92Kb / 1P
RIGHT ANGLE LOW PROFILE SHIELDED PC JACK (THROUGH HOLE VERSION)
rev. B1 2000/08/01
95040-2889 MOLEX-95040-2889 Datasheet
92Kb / 1P
RIGHT ANGLE LOW PROFILE SHIELDED PC JACK (THROUGH HOLE VERSION)
rev. B1 2000/08/01
95040-4881 MOLEX-95040-4881 Datasheet
92Kb / 1P
RIGHT ANGLE LOW PROFILE SHIELDED PC JACK (THROUGH HOLE VERSION)
rev. B1 2000/08/01
logo
List of Unclassifed Man...
9504060100 ETC2-9504060100 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
95040601000 ETC2-95040601000 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results


Similar Description - 950408-5002-AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7164 3M-7164 Datasheet
33Kb / 2P
Inverse DIN 41612 Boardmount Socket
19-Feb-1999
8350 3M-8350 Datasheet
321Kb / 4P
3M™ D Sub Socket
10-Jan-2007
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
3M™ Through-Board Socket
16-Oct-2008
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
3M™ Through-Board Socket
16-Oct-2008
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
3M™ Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
03-Sep-2010
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
logo
List of Unclassifed Man...
SMS24GE3 ETC2-SMS24GE3 Datasheet
223Kb / 4P
Boardmount Qikmate
logo
3M Electronics
451 3M-451 Datasheet
376Kb / 9P
3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com