Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP10DLH Datasheet (PDF) - Zowie Technology Corporation

GP10DLH Datasheet PDF - Zowie Technology Corporation
Part # GP10DLH
Download  GP10DLH Download
File Size   61.24 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

GP10DLH Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10DLH Datasheet PDF - Zowie Technology Corporation

Part # GP10DLH
Download  GP10DLH Click to download

File Size   61.24 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Low VF Rectifier Diode

GP10DLH Datasheet (HTML) - Zowie Technology Corporation


GP10DLH Product details

IFSM = 50Amp

VF < 0.90V @IF = 1A



FEATURES

* Halogen-free type

* GPRC (Glass passivated rectifier chip) inside

* Glass passivated cavity-free junction

* Compliance to RoHS product

* Low forward voltage drop

* 1.0 Ampere operation at TA=75oC with no thermal runaway

* Plastic package has Underwriters Laboratory Flammability Classification 94V-0



APPLICATION

* General purpose rectification

* Surge absorption



MECHANICAL DATA

Case : DO-204AL molded plastic

Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.

Polarity : Color band denotes cathode end

Weight : 0.3 gram




Similar Part No. - GP10DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10DL ZOWIE-GP10DL Datasheet
60Kb / 2P
Low VF Rectifier Diode
More results


Similar Description - GP10DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC20DLH ZOWIE-BGC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
Low VF Rectifier Diode
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
Low VF Rectifier Diode
BGC30DH ZOWIE-BGC30DH Datasheet
64Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
Low VF Rectifier Diode
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
Low VF Rectifier Diode
GP30DLH ZOWIE-GP30DLH Datasheet
356Kb / 2P
Low VF Rectifier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com