Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB5100H Datasheet (PDF) - Zowie Technology Corporation

SB5100H Datasheet PDF - Zowie Technology Corporation
Part # SB5100H
Download  SB5100H Download
File Size   61.31 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB5100H Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5100H Datasheet PDF - Zowie Technology Corporation

Part # SB5100H
Download  SB5100H Click to download

File Size   61.31 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB5100H Datasheet (HTML) - Zowie Technology Corporation


SB5100H Product details

FEATURES

* Halogen-free type

*  Compliance to RoHS product

* Guardring for overvoltage protection

* Low power loss, high efficiency

* High current capability, low forward voltage drop

* High surge capability

* High temperature soldering guaranteed : 260oC / 10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0



MECHANICAL DATA

Case :JEDEC DO-201AD Molded plastic body

Terminals :Tin Plated, solderable per MIL-STD-750, Method 2026

Polarity :Color band denotes cathode end

Mounting Position : Any

Weight :0.04 ounce, 1.12 grams




Similar Part No. - SB5100H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB5100H PANJIT-SB5100H Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB5100H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com