Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET-IL317L Datasheet (PDF) - Estek Electronics Co. Ltd

ET-IL317L Datasheet PDF - Estek Electronics Co. Ltd
Part # ET-IL317L
Download  ET-IL317L Download
File Size   178.41 Kbytes
Page   2 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 100 mA Adjustable output Positive Voltage Regulator

ET-IL317L Datasheet (PDF)

Go To PDF Page Download Datasheet
ET-IL317L Datasheet PDF - Estek Electronics Co. Ltd

Part # ET-IL317L
Download  ET-IL317L Click to download

File Size   178.41 Kbytes
Page   2 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 100 mA Adjustable output Positive Voltage Regulator

ET-IL317L Datasheet (HTML) - Estek Electronics Co. Ltd


ET-IL317L Product details

The  IL317L  is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100 mA over an output voltage range of 1.2 Vto 37 V. This voltage  regulator  is  exceptionally  easy  to  use  and  requires  only  two  external resistors  to  set  the  output  voltage.  Further,  it  employs  internal  current  limiting,

thermal  shutdown  and  safe  area  compensation,  making  them  essentially  blow  – out proof.



Features

• Output Current in Excess of 100 mA

• Output Adjustable Between 1.2 V and 37 V    

• Internal Thermal Overload Protection      

• Internal Short Circuit Current Limiting      

• Output Transistor Safe-Area Compensation

• Floating Operationfor High Voltage Applications

• Standard 3-Lead  Transistor Package

• Eliminates Stocking Many Fixed Voltages




Similar Part No. - ET-IL317L

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
100 mA Adjustable Output Positive VoltageRegulator
More results


Similar Description - ET-IL317L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
logo
ON Semiconductor
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
100 mA Adjustable Output Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
[100mA /Adjustable Output] Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
100 mA Adjustable Output Positive VoltageRegulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com