Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8016-25PQW Datasheet (PDF) - Richtek Technology Corporation

RT8016-25PQW Datasheet PDF - Richtek Technology Corporation
Part # RT8016-25PQW
Download  RT8016-25PQW Download
File Size   246.67 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter

RT8016-25PQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8016-25PQW Datasheet PDF - Richtek Technology Corporation

Part # RT8016-25PQW
Download  RT8016-25PQW Click to download

File Size   246.67 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter

RT8016-25PQW Datasheet (HTML) - Richtek Technology Corporation


RT8016-25PQW Product details

General Description

The RT8016L is a high-efficiency Pulse-Width-Modulated (PWM) step-down DC/DC converter capable of delivering up to 600mA output current over a wide input voltage range from 2.5V to 5.5V. The RT8016L is ideally suited for portable electronic devices that are powered from 1-cell

Li-ion battery or from other power sources, such as cellular phones, PDAs and hand-held devices.



Features

Input Range : 2.5V to 5.5V

Adjustable Output Voltage Range : 0.6V to VIN

600mA Output Current

Efficiency up to 95%

No Schottky Diode Required

1.5MHz Fixed-Frequency PWM Operation

RoHS Compliant and Haloger Free



Applications

Mobile Phones

Personal Information Appliances

Wireless and DSL Modems

MP3 Players

Portable Instruments




Similar Part No. - RT8016-25PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016-25PQW RICHTEK-RT8016-25PQW Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8016-25PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com