Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0201V05 Datasheet (PDF) - Protek Devices

P0201V05 Datasheet PDF - Protek Devices
Part # P0201V05
Download  P0201V05 Download

File Size   554.54 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance esd pr otection component

P0201V05 Datasheet (PDF)

Go To PDF Page Download Datasheet
P0201V05 Datasheet PDF - Protek Devices

Part # P0201V05
Download  P0201V05 Click to download

File Size   554.54 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance esd pr otection component

P0201V05 Datasheet (HTML) - Protek Devices

P0201V05 Datasheet HTML 1Page - Protek Devices P0201V05 Datasheet HTML 2Page - Protek Devices P0201V05 Datasheet HTML 3Page - Protek Devices P0201V05 Datasheet HTML 4Page - Protek Devices P0201V05 Datasheet HTML 5Page - Protek Devices P0201V05 Datasheet HTML 6Page - Protek Devices P0201V05 Datasheet HTML 7Page - Protek Devices

P0201V05 Product details

DESCRIPTION
The P0201V05 is an ultra low capacitance ESD component designed to protect very high-speed data interfaces. The device has a typical capactance of only 0.15pF (I/O to GND) and is compatble with the ESD immunity requirements of IEC61000-4-2.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air 15kV (Typical), 25kV(Max)
• Compatble with IEC 61000-4-2 (ESD): Contact 8kV (Typical), 15kV(Max)
• Low Leakage Current: 0.10µA
• Fast Response Time
• Protects One Bidirectonal Line
• Ultra Low Capacitance: 0.15 pF (Typical)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• HDMI
• DVI
• Display Port
• Unifed Display Interface (UDI)
• Mobile Display Digital Interface (MDDI)
• Gigabit Ethernet
• USB2.0 & USB3.0
• IEEE 1394 Interface




Similar Part No. - P0201V05

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P020100 E-SWITCH-P020100 Datasheet
28Kb / 1P
   All DIMENSION IN MM
P020101 E-SWITCH-P020101 Datasheet
39Kb / 1P
   All DIMENSION IN MM
P020103 E-SWITCH-P020103 Datasheet
43Kb / 1P
   All DIMENSION IN MM
logo
Protek Devices
P0201D05C PROTEC-P0201D05C Datasheet
107Kb / 3P
   STANDARD TVS COMPONENTS
P0201D05C PROTEC-P0201D05C Datasheet
522Kb / 6P
   low capacitance miniature TVS ARRAY
More results


Similar Description - P0201V05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402V05 PROTEC-P0402V05 Datasheet
551Kb / 7P
   ultra low capacitance esd pr otection component
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com