Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C088 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C088 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C088
Download  HMC-C088 Download
File Size   715.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description ECM Systems

HMC-C088 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C088 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C088
Download  HMC-C088 Click to download

File Size   715.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description ECM Systems

HMC-C088 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C088 Product details

General Description
the HMC-C088 is a Successive Detection Log Video Amplifier (SDLVA) which operates from 1 to 20 GHz. the HMC-C088 provides a logging range of 59 dB.
this product comes standard with two female SMA field replaceable connectors but can also be used with blind mate SMP connectors or as a drop-in module. the package size measures 1.086 x 0.85 x 0.23” (27.58 x 21.6 x 5.84 mm) making it ideal for environmentally robust applications where space is limited.
the HMC-C088 has an integrated voltage regulator that allows the SDLVA to operate from a single supply between +7 and +16V without any appreciable change in performance.

Features
   1 to 20 GHz operation
   High Logging range: 59 dB
   output Frequency Flatness: ±2 dB
   internal Voltage regulation
   Fast rise/Fall times: 2/7 ns
   Hermetically Sealed Module
   Single Positive Supply: +7V to +16V
   -55 °C to +85 °C operating temperature

Typical Applications
The HMC-C088 is ideal for:
• EW, ELINT & IFM Receivers
• DF radar Systems
• eCM Systems
• Broadband Test & Measurement
• Power Measurement & Control Circuits
• Military & Space Applications




Similar Part No. - HMC-C088

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C083 HITTITE-HMC-C083 Datasheet
957Kb / 6P
MicroSynth INTEGRATED SYNTHESIZER MODULE, 2 - 6 GHz
More results


Similar Description - HMC-C088

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
MA406 ECM-MA406 Datasheet
63Kb / 1P
ECM Surface Mount Crystal
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
ECM Programmable Oscillator
VF315 ETC1-VF315 Datasheet
69Kb / 1P
ECM Surface Mount Oscillator
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
ECM TCXO Crystal Oscillator
SG615 ETC1-SG615 Datasheet
67Kb / 1P
ECM Surface Mount Oscillator
logo
Epson Company
MA506 EPSON-MA506 Datasheet
72Kb / 1P
ECM Surface Mount Crystal
logo
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
ECM Surface Mount Crystal
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
ECM Flat Radial Coil
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
Electret Condenser Microphone (ECM)
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
Military Radar and ECM
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com