Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751A Datasheet (PDF) - Emcore Corporation

1751A Datasheet PDF - Emcore Corporation
Part # 1751A
Download  1751A Download
File Size   658.37 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1550 nm DWDM DFB Laser Module

1751A Datasheet (PDF)

Go To PDF Page Download Datasheet
1751A Datasheet PDF - Emcore Corporation

Part # 1751A
Download  1751A Click to download

File Size   658.37 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1550 nm DWDM DFB Laser Module

1751A Datasheet (HTML) - Emcore Corporation


1751A Product details

1751A 1550 nm DWDM DFB Laser Module

The 1751 laser module is a Dense Wavelength-Division Multiplexing (DWDM) laser for analog applications. It features a distributed feedback chip that has been designed specifically for Radio Frequency (RF) applications. The 1751 laser module has a wide temperature range for reliable performance in harsh node environments and narrow transmitter designs. It also features low adiabatic chirp to maximize signal quality in short and long lengths of fiber. The laser’s excellent inherent linearity minimizes degradation of the broadcast signals caused by quadrature amplitude modulated (QAM) channels. The versatile 1751 laser module reduces cable network architecture fiber needs and lessens equipment reqirements in the hub.

Features
■ Standard ITU Grid Wavelengths
■ Advanced Analog Chip Design
■ Reduces Equipment Requirements in the Hub
■ Telecordia TechnologiesTM 468 Compliant
■ Wide Temperature Range – Stable Even in Harsh Environments

Applications
■ Node Capability
■ Narrow Transmitter Housing
■ Neworks with Limited Fiber
■ Architectures Using Separate Optical Wavelengths to Carry Targeted Services




Similar Part No. - 1751A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
1751A 1550 nm DWDM DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
1751A 1550 nm DWDM DFB Laser Module
More results


Similar Description - 1751A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
Analog 1550 nm MQW-DFB Laser Diode Module
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
1751A 1550 nm DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
1764 1550 nm C-Band DWDM DFB Laser Module
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com