Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10990A Datasheet (PDF) - Emcore Corporation

10990A Datasheet PDF - Emcore Corporation
Part # 10990A
Download  10990A Download
File Size   63.37 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description High Power PIN Photodiode Receiver

10990A Datasheet (PDF)

Go To PDF Page Download Datasheet
10990A Datasheet PDF - Emcore Corporation

Part # 10990A
Download  10990A Click to download

File Size   63.37 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description High Power PIN Photodiode Receiver

10990A Datasheet (HTML) - Emcore Corporation




Similar Part No. - 10990A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
10990A EMCORE-10990A Datasheet
75Kb / 2P
PIN Microwave Photodiode Receiver
10990A EMCORE-10990A Datasheet
73Kb / 2P
Rack Mount Chassis and Power Supply
More results


Similar Description - 10990A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
logo
Emcore Corporation
10458C-SA EMCORE-10458C-SA Datasheet
75Kb / 2P
PIN Microwave Photodiode Receiver
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-3-XA OPTOWAY-PDA-1500-3-XA Datasheet
68Kb / 2P
3GHz InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com