Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3551MTRPBF Datasheet (PDF) - International Rectifier

IR3551MTRPBF Datasheet PDF - International Rectifier
Part # IR3551MTRPBF
Download  IR3551MTRPBF Download
File Size   879.34 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.

IR3551MTRPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3551MTRPBF Datasheet PDF - International Rectifier

Part # IR3551MTRPBF
Download  IR3551MTRPBF Click to download

File Size   879.34 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.

IR3551MTRPBF Datasheet (HTML) - International Rectifier


IR3551MTRPBF Product details

DESCRIPTION
The IR3551 integrated PowIRstage® is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode. It is optimized internally for PCB layout, heat transfer and driver/MOSFET timing. Custom designed gate driver and MOSFET combination enables higher efficiency at lower output voltages required by cutting edge CPU, GPU and DDR memory designs.

FEATURES
• Peak efficiency up to 94.5% at 1.2V
• Integrated driver, control MOSFET, synchronous MOSFET and Schottky diode
• Input voltage (VIN) operating range up to 15V
• Output voltage range from 0.25V up to 3.3V
• Output current capability of 50A DC
• Operation up to 1.0MHz
• Integrated current sense amplifier
• VCC under voltage lockout
• Thermal flag
• Body-Braking® load transient support
• Diode-emulation high efficiency mode
• Compatible with 3.3V PWM logic and VCC tolerant
• Compliant with Intel DrMOS V4.0
• PCB footprint compatible with IR3550 and IR3553
• Efficient dual sided cooling
• Small 5mm x 6mm x 0.9mm PQFN package
• Lead free RoHS compliant package

APPLICATIONS
• Voltage Regulators for CPUs, GPUs, and DDR memory arrays
• High current, low profile DC-DC converters




Similar Part No. - IR3551MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3551 IRF-IR3551 Datasheet
926Kb / 22P
50A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
50A Integrated PowIRstage
More results


Similar Description - IR3551MTRPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
logo
International Rectifier
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
PV9122 ROHM-PV9122 Datasheet
624Kb / 3P
60 A, Integrated VR13 Digital Synchronous Buck Regulator with Auto-Control
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com