Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRD5240W26 Datasheet (PDF) - Dynex Semiconductor

DRD5240W26 Datasheet PDF - Dynex Semiconductor
Part # DRD5240W26
Download  DRD5240W26 Download
File Size   284.37 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DRD5240W26 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRD5240W26 Datasheet PDF - Dynex Semiconductor

Part # DRD5240W26
Download  DRD5240W26 Click to download

File Size   284.37 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DRD5240W26 Datasheet (HTML) - Dynex Semiconductor


DRD5240W26 Product details

KEY PARAMETERS
   VRRM 3400V
   IF(AV) 5240A
   IFSM 64200A

FEATURES
• Double Side Cooling
• High Surge Capability




Similar Part No. - DRD5240W26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD5240W34 DYNEX-DRD5240W34_15 Datasheet
284Kb / 6P
Rectifier Diode
More results


Similar Description - DRD5240W26

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com