Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR24D03. Datasheet (PDF) - Crydom Inc.,

DR24D03. Datasheet PDF - Crydom Inc.,
Part # DR24D03.
Download  DR24D03. Download
File Size   854.64 Kbytes
Page   7 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Rating 3 Amps

DR24D03. Datasheet (PDF)

Go To PDF Page Download Datasheet
DR24D03. Datasheet PDF - Crydom Inc.,

Part # DR24D03.
Download  DR24D03. Click to download

File Size   854.64 Kbytes
Page   7 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Rating 3 Amps

DR24D03. Datasheet (HTML) - Crydom Inc.,


DR24D03. Product details

SeriesOne DR Series

• Ratings 3 Amps
• Load voltage ratings of 1-60 VDC, 1-100 VDC, 24-280 VAC and 48-600 VAC
• Fits standard 35mm DIN Rail
• LED input status indicator
• AC or DC control
• Zero Voltage (resistive loads) or Instantaneous (inductive loads) turn-on output
• UL and cUL Listed, HP Rated CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
• UL Class I and II, Division 2, for Hazardous Locations




Similar Part No. - DR24D03.

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
950Kb / 7P
DIN Rail Mount
logo
Sensata Technologies, I...
DR24D03 SENSATA-DR24D03 Datasheet
336Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR24D03X CRYDOM-DR24D03X Datasheet
927Kb / 7P
DIN Rail Mount
DR24D03XR CRYDOM-DR24D03XR Datasheet
927Kb / 7P
DIN Rail Mount
DR24D03XR CRYDOM-DR24D03XR Datasheet
950Kb / 7P
DIN Rail Mount
More results


Similar Description - DR24D03.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
logo
Vicor Corporation
02178 VICOR-02178 Datasheet
48Kb / 1P
FUSE 3 AMPS, 250 VOLTS
logo
ON Semiconductor
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
logo
List of Unclassifed Man...
NPPC052KFMS-RC ETC2-NPPC052KFMS-RC Datasheet
91Kb / 2P
3 amp current rating per contact
logo
E-SWITCH
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
Saturation current rating up to 15.3 Amps
logo
Isabellenhütte Heu...
BVD ISABELLENHUETTE-BVD Datasheet
1Mb / 4P
3 W power rating
logo
Mallory Sonalert Produc...
SC307NDR MSPI-SC307NDR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
SC307NR MSPI-SC307NR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com