Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC5032C-C3 Datasheet (PDF) - Kyocera Kinseki Corpotation

KC5032C-C3 Datasheet PDF - Kyocera Kinseki Corpotation
Part # KC5032C-C3
Download  KC5032C-C3 Download
File Size   127.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0횞 3.2mm

KC5032C-C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC5032C-C3 Datasheet PDF - Kyocera Kinseki Corpotation

Part # KC5032C-C3
Download  KC5032C-C3 Click to download

File Size   127.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0횞 3.2mm

KC5032C-C3 Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - KC5032C-C3

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032C-C1 KSS-KC5032C-C1 Datasheet
125Kb / 1P
CMOS/ 1.8V/ 5.0횞 3.2mm
KC5032C-C2 KSS-KC5032C-C2 Datasheet
126Kb / 1P
CMOS/ 2.5V/ 5.0횞 3.2mm
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
CMOS/ 5.0V/ 5.0횞3.2mm
More results


Similar Description - KC5032C-C3

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
LVPECL 5 x 3.2mm 3.3V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
LVDS 5 x 3.2mm 3.3V VCXO
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
Kyocera Kinseki Corpota...
KC5032C-C1 KSS-KC5032C-C1 Datasheet
125Kb / 1P
CMOS/ 1.8V/ 5.0횞 3.2mm
KC5032C-C2 KSS-KC5032C-C2 Datasheet
126Kb / 1P
CMOS/ 2.5V/ 5.0횞 3.2mm
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
LVDS 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com