Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5270 Datasheet (PDF) - Aeroflex Circuit Technology

5270 Datasheet PDF - Aeroflex Circuit Technology
Part # 5270
Download  5270 Download
File Size   160.93 Kbytes
Page   5 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5270 64-Bit Superscaler Microprocessor

5270 Datasheet (PDF)

Go To PDF Page Download Datasheet
5270 Datasheet PDF - Aeroflex Circuit Technology

Part # 5270
Download  5270 Click to download

File Size   160.93 Kbytes
Page   5 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5270 64-Bit Superscaler Microprocessor

5270 Datasheet (HTML) - Aeroflex Circuit Technology


5270 Product details

DESCRIPTION
The ACT5270 is a highly integrated superscalar microprocessor that implements a superset of the MIPS IV Instruction Set Architecture(ISA). It has a high performance 64-bit integer unit, a high throughput, fully pipelined 64-bit floating point unit, an operating system friendly memory management unit with a 48-entry fully associative TLB, a 16 KByte 2-way set associative instruction cache, a 16 KByte 2-way set associative data cache, and a high-performance 64-bit system interface with support for an optional external secondary cache. The ACT5270 can issue both an integer and a floating point instruction in the same cycle.

Features
■ Full militarized QED RM5270 microprocessor
■ Dual Issue superscalar microprocessor - can issue one integer and one floating-point instruction per cycle
    ● 133, 150, 200 MHz operating frequencies – Consult Factory for latest speeds
    ● 260 Dhrystone2.1 MIPS
    ● SPECInt95 5.0, SPECfp95 5.3
■ High performance system interface compatible with RM5260, R4600, R4700 and R5000
    ● 64-bit multiplexed system address/data bus for optimum price/ performance with up to 100 MHz operating frequency
    ● High performance write protocols maximize uncached write bandwidth
    ● Supports clock divisors (2, 3, 4, 5, 6, 7, 8)
    ● 5V compatible I/O’s
    ● IEEE 1149.1 JTAG boundary scan
■ Integrated on-chip caches
    ● 16KB instruction - 2 way set associative
    ● 16KB data - 2 way set associative
    ● Virtually indexed, physically tagged
    ● Write-back and write-through on per page basis
    ● Pipeline restart on first double for data cache misses
■ Integrated memory management unit
    ● Fully associative joint TLB (shared by I and D translations)
    ● 48 dual entries map 96 pages
    ● Variable page size (4KB to 16MB in 4x increments)
■ Integrated secondary cache controller (R5000 compatible)
    ● Supports 512K or 2MByte block write-through secondary
■ High-performance floating point unit
    ● Single cycle repeat rate for common single precision operations and some double precision operations
    ● Two cycle repeat rate for double precision multiply and double precision combined multiply-add operations
    ● Single cycle repeat rate for single precision combined multiplyadd operation
■ MIPS IV instruction set
    ● Floating point multiply-add instruction increases performance in signal processing and graphics applications
    ● Conditional moves to reduce branch frequency
    ● Index address modes (register + register)
■ Embedded application enhancements
    ● Specialized DSP integer Multiply-Accumulate instruction and 3 operand multiply instruction
    ● I and D cache locking by set
    ● Optional dedicated exception vector for interrupts
■ Fully static CMOS design with power down logic
    ● Standby reduced power mode with WAIT instruction
    ● 6 Watts typical at 3.3V 200 MHz
■ 208-lead CQFP, cavity-up package (F17)
■ 208-lead CQFP, inverted footprint (F24), Intended to duplicate the commercial QED footprint
■ 179-pin PGA package (Future Product) (P10)




Similar Part No. - 5270

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
5270 PANASONIC-5270 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Carclo Technical Plasti...
5270 COIL-5270 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Murata Manufacturing Co...
52705C MURATA-52705C Datasheet
146Kb / 3P
Common Mode Chokes
More results


Similar Description - 5270

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
ACT 5261 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
64-Bit RISC Microprocessor
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com