Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1374416-4 Datasheet (PDF) - Tyco Electronics

2-1374416-4 Datasheet PDF - Tyco Electronics
Part # 2-1374416-4
Download  2-1374416-4 Download
File Size   45.63 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION

2-1374416-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
2-1374416-4 Datasheet PDF - Tyco Electronics

Part # 2-1374416-4
Download  2-1374416-4 Click to download

File Size   45.63 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION

2-1374416-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 2-1374416-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1374416-3 MACOM-2-1374416-3 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-5 MACOM-2-1374416-5 Datasheet
45Kb / 1P
CONNECTOR JACK HUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-6 MACOM-2-1374416-6 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
More results


Similar Description - 2-1374416-4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
MT-RJ Duplex Single Mode Transceiver
logo
Molex Electronics Ltd.
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
logo
SUYIN USA, INC.
100038FRO14S502ZL SUYIN-USA-100038FRO14S502ZL Datasheet
169Kb / 1P
RJ JACK CONNECTOR
100052FR010SX09ZL SUYIN-USA-100052FR010SX09ZL Datasheet
172Kb / 1P
RJ JACK CONNECTOR
logo
Tyco Electronics
2-1374416-3 MACOM-2-1374416-3 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-5 MACOM-2-1374416-5 Datasheet
45Kb / 1P
CONNECTOR JACK HUSING, 39mm, MT-RJ FIELD TERMINATION
2-1374416-6 MACOM-2-1374416-6 Datasheet
45Kb / 1P
CONNECTOR JACK HOUSING, 39mm, MT-RJ FIELD TERMINATION
6278032 MACOM-6278032 Datasheet
78Kb / 3P
FO C/A 2 FIBER, 62.5/125, OFNR JACKET, MT-RJ TO MT-RJ
logo
Molex Electronics Ltd.
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com