Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1430G5 Datasheet (PDF) - Agere Systems

1430G5 Datasheet PDF - Agere Systems
Part # 1430G5
Download  1430G5 Download
File Size   222.68 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description NetLight 1430G5 Type SONET/SDH Long-Reach Transceivers with Clock Recovery

1430G5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430G5 Datasheet PDF - Agere Systems

Part # 1430G5
Download  1430G5 Click to download

File Size   222.68 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description NetLight 1430G5 Type SONET/SDH Long-Reach Transceivers with Clock Recovery

1430G5 Datasheet (HTML) - Agere Systems


1430G5 Product details

Description
The 1430G5-Type transceiver is a high-speed, costeffective optical transceiver that is compliant with the International Telecommunication Union Telecommunication (ITU-T) G.957 specifications for use in SONET and SDH long-reach applications. The 1430G5 operates at the OC-3/STM-1 rate of 155 Mbits/s. The transceiver features Agere Systems’ optics and is packaged in a narrow-width plastic housing with two 1 meter fiber pigtails terminated with LC connectors. The 20-pin package and pinout conform to a multisource transceiver agreement.

Features
■ SONET LR-1/SDH L1.1 Compliant (ITU-T G.957
   Specifications)
■ Small form factor, RJ-45 size, multisourced 20-pin
   package
■ Requires single 3.3 V power supply
■ Clock recovery
■ Fiber pigtail
■ Uncooled 1300 nm laser transmitter with automatic
   output power control
■ Transmitter disable input
■ Analog alarm outputs
■ Wide dynamic range receiver with InGaAs PIN
   photodetector
■ LVTTL signal-detect output
■ Low power dissipation
■ Raised ECL (LVPECL) logic data interfaces
■ Operating case temperature range: –40 °C to +85 °C
■ Agere Systems Inc. Reliability and Qualification
   Program for built-in quality and reliability




Similar Part No. - 1430G5

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1430 APITECH-1430 Datasheet
510Kb / 1P
Rugged injection molded connector
logo
Bourns Electronic Solut...
1430 BOURNS-1430 Datasheet
616Kb / 5P
1430 Series – IEC Class I DC Surge Protective Device
08/24
logo
Multicomp Pro
1430 MULTICOMP-1430 Datasheet
225Kb / 2P
Split Loom Flame Retardant Polyethylene, Grey
25/05/20 V1.0
logo
List of Unclassifed Man...
1430-1 ETC2-1430-1 Datasheet
485Kb / 1P
MICRO PINS
logo
API Technologies Corp
1430-1 APITECH-1430-1 Datasheet
510Kb / 1P
Rugged injection molded connector
More results


Similar Description - 1430G5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
SONET/SDH Transceivers
logo
Agere Systems
1417G4A AGERE-1417G4A Datasheet
108Kb / 10P
NetLight 1417G4A and 1417H4A ATM/SONET/SDH Transceivers
January 2000
1417G5 AGERE-1417G5 Datasheet
149Kb / 12P
NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery
January 2000
2417G4A AGERE-2417G4A Datasheet
128Kb / 10P
NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers
Rev. 1 August 2001
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
logo
Broadcom Corporation.
AFCT-5745NPZ BOARDCOM-AFCT-5745NPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745NPZ AVAGO-AFCT-5745NPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com