Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2623N Datasheet (PDF) - Agere Systems

2623N Datasheet PDF - Agere Systems
Part # 2623N
Download  2623N Download
File Size   103.57 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 10 Gbits/s Lithium Niobate Electro-Optic Modulator

2623N Datasheet (PDF)

Go To PDF Page Download Datasheet
2623N Datasheet PDF - Agere Systems

Part # 2623N
Download  2623N Click to download

File Size   103.57 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 10 Gbits/s Lithium Niobate Electro-Optic Modulator

2623N Datasheet (HTML) - Agere Systems


2623N Product details

Description
The 10 Gbits/s Electro-Optic Modulator is designed for long-wavelength, single-mode external amplitude modulation applications. It uses an integrated MachZehnder configuration to convert single polarization CW light from a semiconductor (DFB) laser into a timevarying optical output signal. Agere Systems Inc. also offers a 10 mW CW laser with polarization-maintaining fiber (D2525P) to use as a source for the modulator.

Features
■ Ti-diffusion process
■ Single-drive technology
■ C- and L-band models
■ Slim, hermetic package
■ Bandwidths up to 10 GHz
■ Operational over a temperature range of 0 °C to 70 °C
■ 43 Ω design for minimal electrical reflections
■ Angled interfaces for minimal optical reflections
■ Integrated optical attenuator available on 10 Gbits/s modulator (2623CSA)
■ Tested to Telcordia Technologies * 468

Benefits
■ Excellent long-term bias stability
■ Internal polarizer
■ Low modulation voltages

Applications
■ Digital high-speed telecommunications:
    — SONET: OC-1 through OC-192
    — SDH: STM-16, STM-64
    — Undersea communications
■ Internet data communications
■ SONET/SDH test equipment




Similar Part No. - 2623N

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2623 KR-2623 Datasheet
49Kb / 2P
Bandpass Filter
logo
Heyco.
2623 HEYCO-2623 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
Wiha Tools
26230 WIHA-26230 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
26231 WIHA-26231 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
logo
WERMA Signaltechnik Gmb...
26231060 WERMA-26231060 Datasheet
423Kb / 2P
Maxi free-standing Beacons / EvoSIGNAL Maxi TwinLIGHT 115-230VAC YE
21.09.2021
More results


Similar Description - 2623N

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2625C AGERE-2625C Datasheet
60Kb / 4P
40 Gbits/s Lithium Niobate Electro-Optic Modulator
June 2001
D1861A AGERE-D1861A Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861D AGERE-D1861D Datasheet
86Kb / 6P
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
March 2001
E2560 AGERE-E2560 Datasheet
637Kb / 6P
E2560/E2580-Type 10 Gbits/s EML Modules
January 1999
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
logo
JDS Uniphase Corporatio...
10022467 JDSU-10022467 Datasheet
96Kb / 4P
2x2 High Speed Lithium Niobate Interferometric Switch
logo
Emcore Corporation
EMP-12K EMCORE-EMP-12K Datasheet
384Kb / 1P
EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1_16 Datasheet
473Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes (FOG)
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
Lithium-Niobate
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com