Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDG1A Datasheet (PDF) - Agere Systems

BDG1A Datasheet PDF - Agere Systems
Part # BDG1A
Download  BDG1A Download
File Size   326.59 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA

BDG1A Datasheet (PDF)

Go To PDF Page Download Datasheet
BDG1A Datasheet PDF - Agere Systems

Part # BDG1A
Download  BDG1A Click to download

File Size   326.59 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA

BDG1A Datasheet (HTML) - Agere Systems


BDG1A Product details

Description
These quad differential drivers are TTL input-topseudo-ECL-differential-output used for digital data transmission over balanced transmission lines. All devices in this family have four drivers with a single enable control in a common package.

Features
■ Pin-equivalent to the general-trade 26LS31 device, with improved speed, reduced power consumption, and significantly lower levels of EMI
■ Four line drivers per package
■ Meets ESDI standards
■ 2.0 ns maximum propagation delay
■ Single 5.0 V ± 10% supply
■ Operating temperature range: −40 °C to +125 °C (wider than the 41 Series)
■ 400 Mbits/s maximum data rate
■ Logic to convert TTL input logic levels to differential, pseudo-ECL output logic levels
■ No line loading when VCC = 0 (BDG1A, BDP1A only)
■ High output driver for 50 Ω loads
■ <0.2 ns output skew (typical)
■ On-chip 220 Ω loads available
■ Third-state outputs available
■ Surge-protection to ±60 V for 10 ms available (BPNGA, BPNPA, BPPGA)
■ Available in four package types
■ ESD performance better than the 41 Series
■ Lower power requirement than the 41 Series




Similar Part No. - BDG1A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BDG1A AGERE-BDG1A Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
BDG1A16E AGERE-BDG1A16E Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
BDG1A16G AGERE-BDG1A16G Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
BDG1A16NB AGERE-BDG1A16NB Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
BDG1A16P AGERE-BDG1A16P Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
More results


Similar Description - BDG1A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com