Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTK1A Datasheet (PDF) - Agere Systems

BTK1A Datasheet PDF - Agere Systems
Part # BTK1A
Download  BTK1A Download
File Size   301.06 Kbytes
Page   18 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Differential Transceivers BTK1A and BTM1A

BTK1A Datasheet (PDF)

Go To PDF Page Download Datasheet
BTK1A Datasheet PDF - Agere Systems

Part # BTK1A
Download  BTK1A Click to download

File Size   301.06 Kbytes
Page   18 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Differential Transceivers BTK1A and BTM1A

BTK1A Datasheet (HTML) - Agere Systems


BTK1A Product details

Description

The BTK1A and BTM1A devices are dual differential transceiver circuits that transmit and receive digital data over balanced transmission lines and are compatible with Agere Systems Inc. quad differential drivers and receivers. The dual drivers translate input TTL logic levels to differential pseudo-ECL output levels. The dual receivers convert differential input logic levels to TTL output levels. Each driver/receiver pair has its own common enable control allowing serial data and a control clock to be transmitted and received on a single integrated circuit. The BTK1A transceiver requires the customer to supply termination resistors on the circuit board.



Features

Driver Features

■ Two line drivers per package

■ Logic to convert TTL input logic levels to differential, pseudo-emitter coupled logic (ECL) output logic levels

■ No line loading when VCC = 0 V

■ High output driver for 50 Ω loads

■ 200 mA short-circuit current (typical)

■ 2.0 ns maximum propagation delay

■ <0.2 ns output skew (typical)



Receiver Features

■ Two line receivers per package

■ High input impedance ≅ 8 kΩ

■ Logic that converts differential input logic levels to transistor-transistor logic (TTL) output logic levels

■ 4.0 ns maximum propagation delay

■ <0.20 V input sensitivity (typical)

■ −1.2 V to +7.2 V common-mode range



Common Device Features

■ Common enable for each driver/receiver pair

■ Operating temperature range: –40 °C to +125 °C (wider than the 41 Series)

■ Single 5.0 V ± 10% supply

■ 400 Mbits/s maximum data rate

■ Meets enhanced small device interface (ESDI) standards

■ Electrostatic discharge (ESD) performance better than the 41 Series

■ Lower power requirement than the 41 Series



 




Similar Part No. - BTK1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTK32C1 ETC2-BTK32C1 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BTK32C1 CALIBER-BTK32C1 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
logo
List of Unclassifed Man...
BTK32C3 ETC2-BTK32C3 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BTK32C3 CALIBER-BTK32C3 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
logo
List of Unclassifed Man...
BTK32C5 ETC2-BTK32C5 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
More results


Similar Description - BTK1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
Differential line transceivers
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com