Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9216A Datasheet (PDF) - Agere Systems

L9216A Datasheet PDF - Agere Systems
Part # L9216A
Download  L9216A Download
File Size   1062.89 Kbytes
Page   48 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Short-Loop Ringing SLIC with Ground Start

L9216A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9216A Datasheet PDF - Agere Systems

Part # L9216A
Download  L9216A Click to download

File Size   1062.89 Kbytes
Page   48 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Short-Loop Ringing SLIC with Ground Start

L9216A Datasheet (HTML) - Agere Systems


L9216A Product details

Introduction
The Agere Systems Inc. L9216 is a subscriber line interface circuit (SLIC) that is optimized for shortloop, power-sensitive applications. This device provides the complete set of line interface functionality, including power ringing needed to interface to a subscriber loop. This device has the capability to operate with a VCC supply of 3.3 V or 5 V and is designed to minimize external components required at all device interfaces.

Features
■ Onboard ringing generation
■ Three ringing input options:
    — Sine wave
    — PWM
    — Logic level square wave
■ Flexible VCC options:
    — 5 V or 3.3 V VCC
    — No –5 V required
■ Battery switch to minimize off-hook power
■ Eight operating states:
    — Scan mode for minimal power dissipation
    — Forward and reverse battery active
    — On-hook transmission states
    — Ground start (tip open)
    — Ring mode
    — Disconnect mode
■ Ultralow on-hook power:
    — 27 mW scan mode
    — 41 mW active mode
■ Two SLIC gain options to minimal external components in codec interface
■ Loop start, ring trip, and ground start detectors
■ Software-controllable dual current-limit option
■ 28-pin PLCC package
■ 48-pin MLCC package

Applications
■ Voice over Internet Protocol (VoIP)
■ Cable Modems
■ Terminal Adapters (TA)
■ Wireless Local Loop (WLL)
■ Telcordia Technologies™ GR-909 Access
■ Network Termination (NT)
■ Key Systems




Similar Part No. - L9216A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9217A AGERE-L9217A Datasheet
414Kb / 30P
Low-Cost Line Interface with Reverse Battery and PPM
November 2001
L9218A AGERE-L9218A Datasheet
378Kb / 30P
Low-Cost Line Interface
November 2001
L9219A AGERE-L9219A Datasheet
397Kb / 30P
Low-Cost Line Interface with Reverse Battery and Dual Current Limit
November 2001
More results


Similar Description - L9216A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
STMicroelectronics
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com