Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9500A Datasheet (PDF) - Agere Systems

L9500A Datasheet PDF - Agere Systems
Part # L9500A
Download  L9500A Download
File Size   616.68 Kbytes
Page   32 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description High-Voltage Ringing SLIC for VolP Applications

L9500A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9500A Datasheet PDF - Agere Systems

Part # L9500A
Download  L9500A Click to download

File Size   616.68 Kbytes
Page   32 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description High-Voltage Ringing SLIC for VolP Applications

L9500A Datasheet (HTML) - Agere Systems


L9500A Product details

L9500A Introduction
The Agere Systems Inc. L9500A is a subscriber line interface circuit that is optimized for short-loop, power-sensitive applications. This device provides the complete set of line interface functionality (including power ringing) needed to interface to a subscriber loop. This device has the capability to operate with a VCC supply of 3.3 V or 5 V and is designed to minimize external components required at all device interfaces. This device is optimized to interface to data over cable service interface specification (DOCSIS) compliant cable modem gateway, multi-media adaptor, and residential gateway products, such as the Broadcom® BCM3351, BCM3352, BCM6352, and BCM1101 and equivalent products.

Features
■ Differential ringing and codec interface
■ Onboard ringing generation
■ Three ringing input options:
    — Sine wave
    — PWM
    — Logic level square wave
■ Flexible VCC options:
    — 5 V or 3.3 V VCC
    — No –5 V required
■ Battery switch to minimize off-hook power
■ Eight operating states:
    — Scan mode for minimal power dissipation
    — Forward and reverse battery active
    — On-hook transmission states
    — Ground start
    — Ring mode
    — Disconnect mode
■ Ultralow on-hook power:
    — 27 mW scan mode
    — 38 mW active mode
■ Loop start, ring trip, and ground start detection
■ Software-controllable dual current limit option
■ 28-pin PLCC package
■ 48-pin MLCC package

Applications
■ Interface to Broadcom:
    — BCM3351 Cable Modem
    — BCM3352 Cable Modem
    — BCM6352 Integrated Multi-Media Adaptor
    — BCM1101 Residential Gateway
■ Cable Modem
■ Voice over Internet Protocol (VoIP)
■ Voice over DSL
■ Remote Subscriber Units
■ Broadband Wireless
■ Short Loop Access




Similar Part No. - L9500A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9524C STMICROELECTRONICS-L9524C Datasheet
412Kb / 27P
Glow plug system control IC
09-Jan-2008
L9524C STMICROELECTRONICS-L9524C Datasheet
393Kb / 27P
Glow plug system control IC
17-Sep-2013
L9524C-TR STMICROELECTRONICS-L9524C-TR Datasheet
412Kb / 27P
Glow plug system control IC
09-Jan-2008
L9524C-TR STMICROELECTRONICS-L9524C-TR Datasheet
393Kb / 27P
Glow plug system control IC
17-Sep-2013
L9524C STMICROELECTRONICS-L9524C_V01 Datasheet
393Kb / 27P
Glow plug system control IC
17-Sep-2013
More results


Similar Description - L9500A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
TISP6NTP2C High Voltage Ringing SLIC Protector
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
TISP6NTP2C High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
High Voltage Ringing SLIC Protector
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
High Voltage Ringing SLIC Protector
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
P61089B High Voltage Ringing SLIC Protector
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com