Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2587P913 Datasheet (PDF) - Agere Systems

D2587P913 Datasheet PDF - Agere Systems
Part # D2587P913
Download  D2587P913 Download
File Size   122.8 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules

D2587P913 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2587P913 Datasheet PDF - Agere Systems

Part # D2587P913
Download  D2587P913 Click to download

File Size   122.8 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules

D2587P913 Datasheet (HTML) - Agere Systems


D2587P913 Product details

Description
The D2587P-Type DFB laser module is designed for use with an external lithium niobate modulator and also in applications where high power (20 mW) is required.
The use of an internal wavelength locker greatly enhances long-term reliability and reduces chirp and mode dispersion when used in conjunction with LN modulators at OC-192 data rates.

Features
■ High-performance, multiquantum-well (MQW), distributed-feedback (DFB) laser
■ D2587P-Type is offered on 50 GHz ITU grid wavelengths ranging from 1528.77 nm— 1610.06 nm
■ D2547P-Type is offered on 100 GHz ITU grid wavelengths ranging from 1528.77 nm— 1610.06 nm
■ Polarization-maintaining fiber pigtail
■ For use with lithium niobate modulators
■ High optical power (20 mW, CW)
■ Hermetic, 14-pin package

Applications
■ Telecommunications:
    — Dense WDM
    — SONET/SDH OC-192/STM-64
    — Extended and ultralong reach
    — Undersea systems
■ Digital video




Similar Part No. - D2587P913

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
logo
Nanjing International G...
D2583 DGNJDZ-D2583 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results


Similar Description - D2587P913

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
June 2001
D2525P AGERE-D2525P Datasheet
261Kb / 10P
Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
March 2000
D2570 AGERE-D2570 Datasheet
112Kb / 12P
D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
Rev. 3 July 2001
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
SELECTED WAVELENGTH GaAlAs EMITTERS
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
Laser Diode Modules: By Wavelength
logo
CT Micro International ...
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev2 Jan, 2021
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev 2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com