Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2560A Datasheet (PDF) - Agere Systems

R2560A Datasheet PDF - Agere Systems
Part # R2560A
Download  R2560A Download
File Size   43.59 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R2560A High-Power 12 GHz Photodiode

R2560A Datasheet (PDF)

Go To PDF Page Download Datasheet
R2560A Datasheet PDF - Agere Systems

Part # R2560A
Download  R2560A Click to download

File Size   43.59 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R2560A High-Power 12 GHz Photodiode

R2560A Datasheet (HTML) - Agere Systems




Similar Part No. - R2560A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R2560 MICROSEMI-R2560 Datasheet
120Kb / 2P
Silicon Power Rectifier
More results


Similar Description - R2560A

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-13-6036 TELEDYNE-CPA-13-6036 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 12 GHz
CPA-13-6037 TELEDYNE-CPA-13-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 12 GHz
logo
TriQuint Semiconductor
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
DC - 12 GHz Discrete power pHEMT
logo
Micronetics, Inc.
EL0095 MICRONETICS-EL0095 Datasheet
170Kb / 2P
High Power Limiters 8 GHz to 12 GHz
EL0096 MICRONETICS-EL0096 Datasheet
170Kb / 2P
High Power Limiters 12 GHz to 18 GHz
logo
TriQuint Semiconductor
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
logo
Emcore Corporation
10458C-SA EMCORE-10458C-SA_10 Datasheet
63Kb / 2P
High Power PIN Photodiode Receiver
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
10.5 to 12 GHz High Power Amplifier
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com