Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8100 Datasheet (PDF) - Agere Systems

T8100 Datasheet PDF - Agere Systems
Part # T8100
Download  T8100 Download
File Size   1450.68 Kbytes
Page   92 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description H.100/H.110 Interface and Time-Slot Interchanger

T8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
T8100 Datasheet PDF - Agere Systems

Part # T8100
Download  T8100 Click to download

File Size   1450.68 Kbytes
Page   92 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description H.100/H.110 Interface and Time-Slot Interchanger

T8100 Datasheet (HTML) - Agere Systems


T8100 Product details

Introduction
Increasingly, enhanced telephony services are provided by equipment based on mass-market computer-telephony architectures. The H.100 timedivision multiplexed (TDM) bus has emerged as the industry standard used in these systems. The Ambassador T8100 is a single device that provides a complete interface for H.100/H.110-based systems.

Features
■ Complete solution for interfacing board-level circuitry to the H.100 telephony bus
■ H.100 compliant interface; all mandatory signals
■ Programmable connections to any of the 4096 time slots on the H.100 bus
■ Up to 16 local serial inputs and 16 local serial outputs, programmable for 2.048 Mbits/s, 4.096 Mbits/s, and 8.192 Mbits/s operation per CHI specifications
■ Programmable switching between local time slots, up to 1024 connections
■ Programmable switching between local time slots and H.100 bus, up to 256 connections
■ Choice of frame integrity or minimum latency switching on a per-time-slot basis
   — Frame integrity to ensure proper switching of wideband data
   — Minimum latency switching to reduce delay in voice channels
■ On-chip phase-locked loop (PLL) for H.100, MVIP, or SC-Bus clock operation in master or slave clock modes
■ Serial TDM bus rate and format conversion between most standard buses
■ Optional 8-bit parallel input and/or 8-bit parallel output for local TDM interfaces
■ High-performance microprocessor interface
   — Provides access to device configuration registers and to time-slot data
   — Supports both Motorola‡ nonmultiplexed and Intel§ multiplexed/nonmultiplexed modes
■ Two independently programmable groups of up to 12 framing signals each
■ 3.3 V supply with 5 V tolerant inputs and TTL-compatible outputs
■ Boundary-scan testing support
■ 208-pin, plastic SQFP package
■ 217-pin BGA package (industrial temperature range)




Similar Part No. - T8100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T8100 INTEL-T8100 Datasheet
1Mb / 77P
Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
Amphenol Corporation
T8100 AMPHENOL-T8100 Datasheet
302Kb / 8P
Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
T8100 AMPHENOL-T8100 Datasheet
154Kb / 4P
Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
logo
General Electric Compan...
T8100-E GEC-T8100-E Datasheet
456Kb / 8P
Ventostat® Wall Mount
T8100-E-B GEC-T8100-E-B Datasheet
456Kb / 8P
Ventostat® Wall Mount
More results


Similar Description - T8100

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML53612 OKI-ML53612 Datasheet
696Kb / 68P
64-Channel Full Duplex H.100/H.110 CT Bus System Interface and Time-Slot Interchange
ML53812-2 OKI-ML53812-2 Datasheet
668Kb / 64P
H.100/H.110 CT Bus System Interface and Time-Slot Interchange
logo
Agere Systems
T8100A AGERE-T8100A Datasheet
1Mb / 112P
H.100/H.110 Interface and Time-Slot Interchangers
January 2000
TTSI1K16T AGERE-TTSI1K16T Datasheet
1Mb / 64P
1024-Channel, 16-Highway Time-Slot Interchanger
February 1999
TTSI4K32T AGERE-TTSI4K32T Datasheet
1Mb / 64P
4096-Channel, 32-Highway Time-Slot Interchanger
June 2000
T8110L AGERE-T8110L Datasheet
2Mb / 164P
Ambassador짰 T8110L H.100/H.110 Switch
February 2004
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
1k x 1k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
2k x 2k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
4k x 4k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
8K x 8K Time-Slot Interchanger
Revision 1 November 2, 2005
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com