Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVR1P02T1 Datasheet (PDF) - ON Semiconductor

NVR1P02T1 Datasheet PDF - ON Semiconductor
Part # NVR1P02T1
Download  NVR1P02T1 Download
File Size   135.04 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ??0 V, ?? A, P?묬hannel SOT??3 Package

NVR1P02T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVR1P02T1 Datasheet PDF - ON Semiconductor

Part # NVR1P02T1
Download  NVR1P02T1 Click to download

File Size   135.04 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ??0 V, ?? A, P?묬hannel SOT??3 Package

NVR1P02T1 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NVR1P02T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
135Kb / 5P
Power MOSFET
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
91Kb / 5P
Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NVR1P02T1G VBSEMI-NVR1P02T1G Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - NVR1P02T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
logo
ON Semiconductor
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
??0 V, ??.3 A, P?묬hannel SOT??3 Package
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com