Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3011 Datasheet (PDF) - Agere Systems

W3011 Datasheet PDF - Agere Systems
Part # W3011
Download  W3011 Download
File Size   199.45 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1 GHz Quadrature Modulator

W3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
W3011 Datasheet PDF - Agere Systems

Part # W3011
Download  W3011 Click to download

File Size   199.45 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1 GHz Quadrature Modulator

W3011 Datasheet (HTML) - Agere Systems


W3011 Product details

Description
The W3011 1 GHz Quadrature Modulator is a monolithic integrated circuit that provides direct modulation of an RF carrier by I & Q baseband inputs. It is particularly suited for use in mobile and handheld cellular telephones designed to the IS-136 (North American 824 MHz to 849 MHz), PDC (Japan RCR-STD27 889 MHz to 958 MHz), and other digital personal-communications standards.
The circuit block diagram is shown in Figure 1. From two LO signals, LOL and LOH, the offset mixer produces an internal LO signal, which prevents the external VCOs from being pulled by the large transmitted signal. The phase shifter splits the LO signal into two carriers with 90° phase separation and equal amplitude.

Features
■ Guaranteed performance at 2.7 V power supply
■ Output power of 3 dBm into 50 W load (single ended) with 3 V operation
■ Direct RF modulation with or without offset mixer
■ Automatic power control (APC) capability
■ Accurate 90° phase shifter for carrier
■ Double-balanced active mixers minimize carrier feedthrough (origin offset)
■ Low-current sleep mode

Applications
■ PDC 800 and American digital cellular mobile terminals
■ Cellular base stations




Similar Part No. - W3011

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3011 PULSE-W3011 Datasheet
1Mb / 8P
1.575 GHz GPS Ceramic Chip Antenna
W3011A PULSE-W3011A Datasheet
1Mb / 16P
1.575 GHz GNSS Ceramic Chip Antenna
More results


Similar Description - W3011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
0.8 GHz-2.5 GHz Quadrature Modulator
REV.0
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
1 GHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
NEC
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
1 GHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com