Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3020 Datasheet (PDF) - Agere Systems

W3020 Datasheet PDF - Agere Systems
Part # W3020
Download  W3020 Download
File Size   409.26 Kbytes
Page   44 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description GSM Multiband RF Transceiver

W3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
W3020 Datasheet PDF - Agere Systems

Part # W3020
Download  W3020 Click to download

File Size   409.26 Kbytes
Page   44 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description GSM Multiband RF Transceiver

W3020 Datasheet (HTML) - Agere Systems


W3020 Product details

Description
The W3020 is a highly integrated GSM transceiver designed to operate in dual-band handsets or in single-band handsets operating at 900, 1800, and 1900 MHz frequency bands (1900 MHz performance is not verified in production). The IC architecture allows the RF designer to provide solutions for three different frequency bands with very few PCB changes, thereby providing faster time to market and reduced development time.

Features
■ 2.7 V operation, low power consumption
■ Integrated receive, transmit, and synthesizer functions
■ IF frequency and transmit offset frequency generated from the same LO
■ Integrated dual LNAs and mixers
■ Minimizes PCB design work between systems
■ Surface-mount, 64-pin TQFPT package

Applications
■ GSM dual-band hand portables:
    — GSM900/1800
    — GSM900/1900
■ GSM single-band hand portables:
    — GSM900
    — GSM1800
    — GSM1900




Similar Part No. - W3020

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3020 PULSE-W3020 Datasheet
158Kb / 5P
ANTENNAS
W3020 PULSE-W3020 Datasheet
2Mb / 3P
Ceramic Chip Antenna
More results


Similar Description - W3020

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Skyworks Solutions Inc.
SKY78072 SKYWORKS-SKY78072 Datasheet
518Kb / 3P
Multimode Multiband Front-End Module for Quad-Band GSM
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
Multimode Multiband Front-End Module for Quad-Band GSM
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
Multimode Multiband Front-End Module for Quad-Band GSM
SKY78021 SKYWORKS-SKY78021 Datasheet
86Kb / 2P
Multimode Multiband FEM for Quad- Band GSM
logo
Texas Instruments
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com